Part Number Hot Search : 
AZ23C8V2 MBZ52 PSB2115F 1N5630E3 F16267 MC1401A HV600S30 SRBL1650
Product Description
Full Text Search
 

To Download VG-4531CB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal oscillator
Epson Toyocom
Product Number (please contact us)
VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR (VCXO)
VG-4231CB : X1G002861xxxx00 VG-4531CB : X1G002881xxxx00
VG - 4231CB VG - 4531CB
*Frequency range *Supply voltage *Absolute pull range *Thickness *Function : : : : : 1 MHz to 80 MHz 3.3 V -6 50 x 10 1.2 mm Typ. Output enable(OE) Actual size
Specifications (characteristics)
Item Output frequency range Symbol Specifications VG-4231CB 1.000 MHz to 60.000 MHz VG-4531CB 60.001 MHz to 80.000 MHz Remarks Please contact us for inquiries regarding available frequencies. Store as bare product after unpacking Includes frequency aging (20 years) No load condition. VC= 1.65 V 1.5 V DC level VC= 0.15 to 3.15 V 50 % VCC level IOH= -0.8 mA IOL= 3.2 mA VIH or OPEN : Enable VIL or GND : Disable 20 % VCC to 80 % VCC level Time at minimum supply voltage to be 0 s +25 C, VCC=3.3 V, 20 years
fO
Supply voltage VCC 3.3 V 0.165 V Storage temperature range T_stg -40 C to +85 C Operating temperature range T_use As per blow table. -6 Frequency tolerance f_tol 50 x 10 Max. Current consumption ICC 10 mA Max. 15 mA Max. Absolute pull range APR 50 x 10-6 Min. Input resistance Rin 10 M Min. Frequency change polarity Positive slope Symmetry SYM 45 % to 55 % High output voltage VOH VCC -0.4 V Min. Low output voltage VOL 0.4 V Max. Output load condition (CMOS) L_CMOS 15 pF Max. Output enable / disable input VIH 70 % VCC Min. voltage VIL 30 % VCC Max. Rise time / Fall time tr / tf 6 ns Max. Start-up time t_str 10 ms Max. Frequency aging f_aging This is included frequency tolerance * Please keep VC pin open or ground while powering up VCC.
Temperature range
GGCT JGCT KGCT Operating temperature range 40 C +85 C 20 C +70 C 0 C +70 C (Unit :mm)
External dimensions
Footprint (Recommended)
(Unit :mm)
5.00.2 #6
3.20.2
#5
#4
E 52.000Z
GGC714K
#1 #2 #3
0.89 C=0.1 F Min. #6 C
1.20.2
#5
#4
1.6
0.64
C 0.3
1.0
Pin 1 2 3 4 5 6
Connection Vc OE GND OUT N.C. Vcc
Resist #1 #2 2.54 #3
Note. OE Pin OE pin = "H" or "open" : Specified frequency output. OE pin = "L" : Output is high impedance, oscillation stops.
http://www.epsontoyocom.co.jp
2.6
Pin map
"QMEMS" EPSON TOYOCOM
In order to meet customer needs in a rapidly advancing digital, broadband and ubiquitous society, we are committed to offering products that are one step ahead of the market and a rank above the rest in quality. To achieve our goals, we follow a "3D (three device) strategy" designed to drive both horizontal and vertical growth. We will to grow our three device categories of "Timing Devices", "Sensing Devices" and "Optical Devices", and expand vertical growth through a combination of products from these categories. A Quartz MEMS is any high added value quartz device that exploits the characteristics of quartz crystal material but that is produced using MEMS (micro-electro-mechanical system) processing technology. Market needs are advancing faster than previously imagined toward smaller, more stable crystal products, but we will stay ahead of the curve by rolling out products that exceed market speed and quality requirements. We want to further accelerate the 3D strategy by QMEMS. Quartz devices have become crucial in the network environment where products are increasingly intended for broadband, ubiquitous applications and where various types of terminals can transfer information almost immediately via LAN and WAN on a global scale. Epson Toyocom Corporation addresses every single aspect within a network environment. The new corporation offers "Digital Convergence" solutions to problems arising with products for consumer use, such as, core network systems and automotive systems.
PROMOTION OF ENVIRONMENTAL MANAGEMENT SYSTEM CONFORMING TO INTERNATIONAL STANDARDS
At Epson Toyocom, all environmental initiatives operate under ISO 14000 is an international standard for environmental management the Plan-Do-Check-Action(PDCA) cycle designed to achieve that was established by the International Standards Organization in 1996 continuous improvements. The environmental management against the background of growing concern regarding global warming, system (EMS) operates under the ISO 14001 environmental destruction of the ozone layer and global deforestation management standard. All of our major manufacturing and non-manufacturing sites,in Japan and overseas, completed the acquisition of ISO 14001 certification. In the future, new group companies will be expected to acquire the certification around the third year of operations.
WORKING FOR HIGH QUALITY
In order provide high quality and reliable products and services than meet customer needs, Epson Toyocom made early efforts towards obtaining ISO9000 series certification and has acquired ISO9001 for all business establishments in Japan and abroad. We have also acquired ISO/TS 16949 certification that is requested strongly by major automotive manufacturers as standard.
QS-9000 is an enhanced standard for quality assurance systems formulated by leading U.S. automobile manufacturers based on the international ISO 9000 series. ISO/TS 16949 is a global standard based on QS-9000, a severe standard corresponding to the requirements from the automobile industry.
Explanation of the mark that are using it for the catalog
Pb free. Complies with EU RoHS directive. Pb free terminal designed. Contains Pb in products exempted by RoHS directive. (Contains Pb in sealing glass, high melting temperature type solder or other.) Complies with EU RoHS directive. The products have been designed for high reliability applications such as Automotive.
Notice
This material is subject to change without notice. Any part of this material may not be reproduced or duplicated in any form or any means without the written permission of Epson Toyocom. The information, applied circuitry, programming, usage, etc., written in this material is intended for reference only. Epson Toyocom does not assume any liability for the occurrence of infringing on any patent or copyright of a third party. This material does not authorize the licensing for any patent or intellectual copyrights. Any product described in this material may contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Law of Japan and may require an export license from the Ministry of International Trade and Industry or other approval from another government agency. You are requested not to use the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. You are also requested that you would not make the products available to any third party who may use the products for such prohibited purposes. These products are intended for general use in electronic equipment. When using them in specific applications that require extremely high reliability, such as the applications stated below, you must obtain permission from Epson Toyocom in advance. / Space equipment (artificial satellites, rockets, etc.) / Transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / Medical instruments to sustain life / Submarine transmitters / Power stations and related / Fire work equipment and security equipment / traffic control equipment / and others requiring equivalent reliability. In this new crystal master for Epson Toyocom, product codes and markings will remain as previously identified prior to the merger. Due to the on-going strategy of gradual unification of part numbers, please review product codes and markings, as they will change during the course of the coming months. We apologize for the inconvenience, but we will eventually have a unified part numbering system for Epson Toyocom that will be user friendly.


▲Up To Search▲   

 
Price & Availability of VG-4531CB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X